Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download EPC-525-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range Green, selective
2460 1775 1735
EPC-525-2.5
11.04.2007 Type Integrated filter Technology GaP rev. 03/07 Electrodes P (anode) up
typ. dimensions (m) typ. thickness 270 (20) m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
Description Narrow bandwidth and high spectral sensitivity in the range of max. eye responsivity (480...560 nm), low cost chip Applications Nearly V matched detection, measurement systems, daylight sensors
PD-14
O100
Miscellaneous Parameters
Tamb = 25C, unless otherwise specified Parameter Active area Operating temperature range Storage temperature range Temperature coefficient of I D Temperature coefficient of I PH Temperature coefficient of c T = -40...120C T = -40...120C T = -40...120C Test onditions Symbol A Tamb Tstg TCID TCIPH TCc Value 5.8 -40 to +125 -40 to +125 4.7 0.25 0.15 Unit mm C C %/K %/K nm/K
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Spectral range at 0.5 max. Responsivity at 525 nm1 Responsivity at 525 nm2 Spectral bandwidth at 50% Dark current (Ee = 0 W/m) Central sensitivy wavelength
1 2
Symbol 0.5 S S 0,5 ID C
Min 480 0.04 0.15
Typ
Max 560
Unit nm A/W A/W nm
VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 5 V VR = 0 V
0.08 0.25 75 5
0.15 0.38
30 535
pA nm
510
525
Measured on bare chip on TO-18 header Measured on epoxy covered chip on TO-18 header Type EP-525-2.5 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Labeling
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 3
Photodiode-Chip
Preliminary 11.04.2007
EPC-525-2.5
rev. 03/07
Responsitivity spectrum
1,0 0,8 0,6 0,4 0,2 0,0 400 450 500 550 600
Sensitivity (arb. units)
Wavelength [nm]
Relative Photocurrent vs. Temperature of EPC-525-2.5
1,30 1,25 1,20 1,15
UR = 5V TK = 0,25%/K
Relative Photocurrent
1,10 1,05 1,00 0,95 0,90 0,85 0,80 -40 -20 0 20 40 60 80 100 120
Temperature (C)
EPIGAP Optoelektronik GmbH
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 3
Photodiode-Chip
Preliminary 11.04.2007
EPC-525-2.5
rev. 03/07
Dark Current vs. Temperature of EPC-525-2.5
100
UR = 5V TK = 1,047 times/K
10
Dark Current (pA)
1
0,1
-40
-20
0
20
40
60
80
100
120
Temperature (C)
EPIGAP Optoelektronik GmbH
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
3 of 3


▲Up To Search▲   

 
Price & Availability of EPC-525-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X